Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32652A2472K. Datasheet(PDF) 21 Page - EPCOS

Part # B32652A2472K.
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32652A2472K. Datasheet(HTML) 21 Page - EPCOS

Back Button B32652A2472K. Datasheet HTML 17Page - EPCOS B32652A2472K. Datasheet HTML 18Page - EPCOS B32652A2472K. Datasheet HTML 19Page - EPCOS B32652A2472K. Datasheet HTML 20Page - EPCOS B32652A2472K. Datasheet HTML 21Page - EPCOS B32652A2472K. Datasheet HTML 22Page - EPCOS B32652A2472K. Datasheet HTML 23Page - EPCOS B32652A2472K. Datasheet HTML 24Page - EPCOS B32652A2472K. Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
k0 values
Lead spacing
10 mm
15 mm
22.5 mm
27.5 mm
37.5 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
250
160
100 000
60 000
25 000
400
200
250 000
200 000
110 000
630
250
500 000
350 000
250 000
850
450
153 000
1000
250
3 000 000
1 500 000
1 000 000
500
180 000
1250
450
25 000 000
500
9 000 000
3 750 000
2 000 000
350 000
1600
500
20 000 000
10 000 000
4 000 000
600
672 000
700
28 000 000
2000
700
60 000 000
40 000 000
15 000 000
800 000
1000
50 000 000
Impedance Z versus frequency f
(typical values)
B32651 ... B32656
High pulse (wound)
Page 21 of 39
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com