Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY6V2GP Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ZY6V2GP
Description  Glass Passivated Zener Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY6V2GP Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY6V2GP Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY6V2GP Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.8V-188V
2W
ZY6V2GP THRU ZY200GP
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Min Reverse
Voltage
at I
R = 1 µA
Type
(V)
Zener (1)
Voltage
Range
V
Z at IZT
(mA)
(V)
Test
Current
V
R
(mA)
Max
Regulator
Current at 45 ºC
I
ZM
(
Ω)
Maximum
Zener
Impedance
Z
ZT at IZT
I
ZT
Temp
coef. of
Zener
Volt.
(% / ºC)
ZY6V2GP
5.8-6.6
2
100
+0.025
1.5
245
ZY6V8GP
6.4-7.2
2
100
+0.035
2
220
ZY7V5GP
7.0-7.9
2
100
+0.035
2
200
ZY8V2GP
7.7-8.7
2
100
+0.055
3.5
180
ZY9V1GP
8.5-9.6
4
50
+0.055
6.9
165
ZY10GP
9.4-10.6
4
50
+0.070
7.5
145
ZY11GP
10.4-11.6
7
50
+0.075
8.3
135
ZY12GP
11.4-12.7
7
50
+0.075
9.1
120
ZY13GP
12.4-14.1
10
50
+0.075
9.9
110
ZY15GP
13.8-15.8
10
50
+0.075
11.4
98
ZY16GP
15.3-17.1
15
25
+0.085
12.2
90
ZY18GP
16.8-19.1
15
25
+0.085
13.7
80
ZY20GP
18.8-21.2
15
25
+0.085
15.2
72
ZY22GP
20.8-23.3
15
25
+0.085
16.7
66
ZY24GP
22.8-25.6
15
25
+0.085
18.2
60
ZY27GP
25.1-28.9
15
25
+0.085
20.5
53
ZY30GP
28-32
15
25
+0.085
22.8
48
ZY33GP
31-35
15
25
+0.085
25
44
ZY36GP
34-38
40
10
+0.085
27.4
40
ZY39GP
37-41
40
10
+0.085
29.6
37
ZY43GP
40-46
45
10
+0.095
32.7
33
ZY47GP
44-50
45
10
+0.095
35.7
30
ZY51GP
48-54
60
10
+0.095
38.8
27
ZY56GP
52-60
60
10
+0.095
42.5
25
ZY62GP
58-66
80
10
+0.105
47.1
21
ZY68GP
64-72
80
10
+0.105
51.7
20
ZY75GP
70-79
100
10
+0.105
57
18
ZY82GP
77-88
100
10
+0.105
62.4
16
ZY91GP
85-96
200
5
+0.110
69.2
15
ZY100GP
94-106
200
5
+0.110
76
13
ZY110GP
104-116
250
5
+0.110
83.5
12
ZY120GP
114-127
250
5
+0.110
91.2
11
ZY130GP
124-141
300
5
+0.110
98.2
10
ZY150GP
138-156
300
5
+0.110
114
9
ZY160GP
153-171
350
5
+0.110
122
8.5
ZY180GP
168-191
350
5
+0.110
137
8.0
ZY200GP
188-212
350
5
+0.110
152
7.5
(1) Tested with pulses.
Pulse test: tp
≤≤≤≤≤ 50 ms; δ < 2%
Glass Passivated Zener Diode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com