Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5215CS25 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5215CS25
Description  300mA Low Noise LDO Voltage Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CS25 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5215CS25 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5215CS25 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS5215
300mA Low Noise LDO
Voltage Regulator with Enable
1/9
Version: B07
SOT-25
SOT-89-5L
SOP-8
General Description
TS5215 is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 17mV at
light loads and 300mV at 300mA), and very low power consumption (125uA at 100uA), providing high output current
even when the application requires very low dropout voltage. The Chip Enable (EN) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero.
TS5215 is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown, revered battery protection and a reference bypass pin to improve its already excellent low-
noise performance.
Features
●
Ultra Low Noise Output
●
Output Current up to 350mA
●
Low Dropout Voltage
●
Low Power Consumption
●
“Zero” Off-mode Current
●
Logic Controlled Electronic Enable
●
Internal Current Limit
●
Thermal Shutdown Protection
Application
●
Cellular Telephones
●
Palmtops, Notebook Computers
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Linear Power Supplies
●
Portable Application
Ordering Information
Part No.
Package
Packing
TS5215CX5xx RF
SOT-25
3Kpcs / 7” Reel
TS5215CY5xx RM
SOT-89-5L
1Kpcs / 7” Reel
TS5215CSxx RL
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5.0V
33=3.3V
25=2.5V
Leave blank for adjustable version.
Contact factory for additional voltage options.
Typical Application Circuit
Adjustable Version: VOUT = 1.24 (R1+R2)/R2
(Adjustable output range up to 8V)
EN (pin3) may be connected directly to VIN (pin 1)
Low noise operation: CBYP =470pF, COUT >2.2uF
Basic operation: CBYP =not used, COUT >2uF
Pin Definition:
1. Input
2. Ground
3. Enable
4. Bypass / Adjust
5. Output
Pin Definition:
1. Enable
8. Ground
2. Input
7. Ground
3. Output
6. Ground
4. Bypass / Adj
5. Ground
Pin Definition:
1. Bypass / Adjust
2. Ground
3. Enable
4. Input
5. Output
COUT
2.2uF
CBYP
470pF
on
off
EN
VOUT
VIN
COUT
2.2uF
on
off
EN
R1
R2
VIN
VOUT
CBYP
470pF
TS5215CX5xx
TS5215CX5


Similar Part No. - TS5215CS25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5215CS TSC-TS5215CS Datasheet
174Kb / 7P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS50 TSC-TS5215CS50 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CSRL TSC-TS5215CSRL Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
More results

Similar Description - TS5215CS25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_08 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS50 TSC-TS5215CS50 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY525 TSC-TS5215CY525 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com