Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY200GP Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ZY200GP
Description  Glass Passivated Zener Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY200GP Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY200GP Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY200GP Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Do not bend lead at a point closer than
Max. soldering time, 3.5 sec.
.Min. distance from body to soldering point,
Max. solder temperature, 350 °C.
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
• Glass passivated junction
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode
4 mm.
2 mm. to the body.
Maximum Ratings, according to IEC publication No. 134
Power dissipation at Tamb = 25 ºC
Non repetitive peak zener dissipation
(t = 10 ms)
P
tot
P
ZSM
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 175 °C
– 65 to + 175 °C
Electrical Characteristics at Tamb = 25 °C
R
thj-a
Max. thermal resistance at:
10 mm. lead length
60 °C/W
2 W
60 W
5.8V-188V
2W
ZY6V2GP THRU ZY200GP
Glass Passivated Zener Diode


Similar Part No. - ZY200GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZY200GP ETC-ZY200GP Datasheet
65Kb / 4P
2 W Glass Passivated Zener Diode
More results

Similar Description - ZY200GP

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
2 W Glass Passivated Zener Diode
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
Nanjing International G...
1N5343B DGNJDZ-1N5343B Datasheet
60Kb / 3P
5 W Glass Passivated Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com