Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6233 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6233
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6233 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6233 Datasheet HTML 17Page - Torex Semiconductor XC6233 Datasheet HTML 18Page - Torex Semiconductor XC6233 Datasheet HTML 19Page - Torex Semiconductor XC6233 Datasheet HTML 20Page - Torex Semiconductor XC6233 Datasheet HTML 21Page - Torex Semiconductor XC6233 Datasheet HTML 22Page - Torex Semiconductor XC6233 Datasheet HTML 23Page - Torex Semiconductor XC6233 Datasheet HTML 24Page - Torex Semiconductor XC6233 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
XC6233
シリーズ
■特性例
(13) Inrush Current Response
(14) Output Noise Density
XC6233(VOUT=1.2V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
-50
0
50
100
150
200
250
CE Input Voltage
VCE=0V→2.2V, tr=5μs, Ta=25℃
VIN=2.2V, CIN=CL=1.0μF(ceramic)
Output Voltage
Rush Current
XC6233(VOUT=1.8V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
-50
0
50
100
150
200
250
CE Input Voltage
VCE=0V→2.8V, tr=5μs, Ta=25℃
VIN=2.8V, CIN=CL=1.0μF(ceramic)
Output Voltage
Rush Current
XC6233(VOUT=2.5V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
-50
0
50
100
150
200
250
CE Input Voltage
Output Voltage
VCE=0V→3.5V, tr=5μs, Ta=25℃
VIN=3.5V, CIN=CL=1.0μF(ceramic)
Rush Current
XC6233(VOUT=3.3V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
-50
0
50
100
150
200
250
CE Input Voltage
Output Voltage
VCE=0V→4.3V, tr=5μs, Ta=25℃
VIN=4.3V, CIN=CL=1.0μF(ceramic)
Rush Current
XC6233(VOUT=1.2V)
0.01
0.1
1
10
100
0.1
1
10
100
Frequency : f (kHz)
IOUT=30mA
VIN=2.2V, Ta=25℃
CIN=CL=1.0μF(ceramic)
Frequency-Range : 0.1~100kHz
Output Noise : 37.17μVrms
XC6233(VOUT=1.8V)
0.01
0.1
1
10
100
0.1
1
10
100
Frequency : f (kHz)
IOUT=30mA
VIN=2.8, Ta=25℃
CIN=CL=1.0μF(ceramic)
Frequency-Range : 0.1~100kHz
Output Noise : 50.33μVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com