Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9011PCT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011PCT
Description  250mA Low Quiescent Current CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011PCT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9011PCT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011PCT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011PCT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011PCT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011PCT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011PCT Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9011PCT Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS9011
250mA Low Quiescent Current CMOS LDO
1/1
Version: E07
SOT-23
SOT-89
TO-92
General Description
TS9011 is a positive voltage regulator developed utilizing CMOS technology featured very low power consumption,
low dropout voltage and high output voltage accuracy. Built in low on-resistor provides low dropout voltage and large
output current. A 1uF or greater can be used as an output capacitor. TS9011 are prevented device failure under the
worst operation condition with both thermal shutdown and current fold-back. These series are recommended for
configuring portable devices and large current application, respectively.
Features
Dropout Voltage Typically 0.4V@ Io=200mA
(Vo=5V)
Output Current up to 250mA
Low Power Consumption, 2uA(typ) @ Vo=5V
Output Voltage ±2%
Internal Current Limit
Thermal Shutdown Protection
Applications
Battery-operated systems
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
Ordering Information
Note: Where x denotes voltage option, available are
A=1.5V
D=1.8V
K=2.5V
P=3.0V
S=3.3V
5=5V
Contact factory for additional voltage options.
Part No.
Package
Packing
TS9011xCX RF
SOT-23
3Kpcs / 7” Reel
TS9011xCY RM
SOT-89
1Kpcs / 7” Reel
TS9011xCT A3
TO-92
2Kpcs / Ammo
TS9011xCT B0
TO-92
1Kpcs / Bulk
Block Diagram
Typical Application Circuit
* Tantalum capacitor for Input & Output capacitor are
recommended
Pin Definition:
1. Ground
2. Output
3. Input
Pin Definition:
1. Ground
2. Input
3. Output
Pin Definition:
1. Ground
2. Input
3. Output


Similar Part No. - TS9011PCT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCXRFG TSC-TS9011PCXRFG Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCYRMG TSC-TS9011PCYRMG Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
More results

Similar Description - TS9011PCT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
250mA, 40V Ultralo-Quiescent-Current LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com