Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3003R Datasheet(PDF) 134 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 134 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 129Page - Sony Corporation CXD3003R Datasheet HTML 130Page - Sony Corporation CXD3003R Datasheet HTML 131Page - Sony Corporation CXD3003R Datasheet HTML 132Page - Sony Corporation CXD3003R Datasheet HTML 133Page - Sony Corporation CXD3003R Datasheet HTML 134Page - Sony Corporation CXD3003R Datasheet HTML 135Page - Sony Corporation CXD3003R Datasheet HTML 136Page - Sony Corporation CXD3003R Datasheet HTML 137Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 134 / 137 page
background image
– 134 –
CXD3003R
§5-22. TRACKING and FOCUS Frequency Response
f – Frequency [Hz]
20K
1K
100
10
2.1
–10
0
10
20
30
40
–180°
0°
180°
90°
–90°
FOCUS frequency response
NORMAL
GAIN DOWN
φ
G
f – Frequency [Hz]
20K
1K
100
10
2.1
–10
0
10
20
30
40
–180°
0°
180°
90°
–90°
TRACKING frequency response
NORMAL
GAIN UP
φ
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com