| Electronic Components Datasheet Search |
|
CXD3003R Datasheet(PDF) 37 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003R Datasheet(HTML) 37 Page - Sony Corporation |
|
37 / 137 page ![]() – 37 – CXD3003R Command bit Processing VCOSEL1 = 0 VCOSEL1 = 1 Multiplier PLL VCO1 is set to normal speed. Multiplier PLL VCO1 is set to approximately twice the normal speed. Command bit KSL3 KSL2 Processing Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/1 frequency-divided. Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/2 frequency-divided. Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/4 frequency-divided. Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/8 frequency-divided. 0 0 1 1 0 1 0 1 ∗ This setting is valid only when the low-speed VCO is selected by VCO1 CS1 and CS0. See the previous page. Command Data 2 MODE specification VCO SEL1 ASHS SOCT VCO SEL2 D19 D18 D17 D16 Data 3 KSL3 KSL2 KSL1 KSL0 D15 D14 D13 D12 Command bit Processing VCOSEL2 = 0 VCOSEL2 = 1 Wide-band PLL VCO2 is set to normal speed. Wide-band PLL VCO2 is set to approximately twice the normal speed. Command bit KSL1 KSL0 Processing Output of wide-band PLL VCO2 selected by VCO2 CS is 1/1 frequency-divided. Output of wide-band PLL VCO2 selected by VCO2 CS is 1/2 frequency-divided. Output of wide-band PLL VCO2 selected by VCO2 CS is 1/4 frequency-divided. Output of wide-band PLL VCO2 selected by VCO2 CS is 1/8 frequency-divided. 0 0 1 1 0 1 0 1 ∗ This setting is valid only when the low-speed VCO is selected by VCO2 CS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |