Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM8N80CZ Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8N80CZ
Description  800V N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8N80CZ Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM8N80CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM8N80CZ Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TSM8N80
800V N-Channel Power MOSFET
9/10
Version: A12
ITO-220 Mechanical Drawing
ITO-220 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
10.04
10.07
0.395
0.396
B
6.20 (typ.)
0.244 (typ.)
C
2.20 (typ.)
0.087 (typ.)
D
∮1.40 (typ.)
∮0.055 (typ.)
E
15.0
15.20
0.591
0.598
F
0.52
0.54
0.020
0.021
G
2.35
2.73
0.093
0.107
H
13.50
13.55
0.531
0.533
I
1.11
1.49
0.044
0.058
J
2.60
2.80
0.102
0.110
K
4.49
4.50
0.176
0.177
L
1.15 (typ.)
0.045 (typ.)
M
3.03
3.05
0.119
0.120
N
2.60
2.80
0.102
0.110
O
6.55
6.65
0.258
0.262



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com