Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASW215 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASW215
Description  5-4000 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW215 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

  ASW215 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASW215
5-4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Performance with varying VDEVICE
VDEVICE
(V)
Current
(mA)
Freq.
(MHz)
Gain
(dB)
S11
(dB)
S22
(dB)
OIP3
1)
(dBm)
P1dB
(dBm)
NF
(dB)
4.9
85
900
16
-16.6
-23.8
37.3
19.2
3.5
2000
12.8
-18.8
-17.3
34.7
18.6
4.06
3500
10.5
-17.9
-22.5
30.4
16.8
--
4.7
69
900
15.9
-16.2
-23
34.8
18.2
3.57
2000
12.7
-19.8
-17.2
33.4
17.8
3.96
3500
10.4
-17.3
-21.8
29.7
16
--
4.55
52
900
15.7
-15.7
-21.8
30
15.2
3.46
2000
12.6
-21.2
-17.3
30
16.3
3.8
3500
10.3
-16.6
-22.4
28
14.5
--
4.4
37
900
15.1
-14.3
-18.6
21
9
3.37
2000
12.2
-25.7
-17.1
21.8
11.2
3.62
3500
10
-15.2
-21.9
22.6
12
--



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com