Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC6100NM Datasheet(PDF) 2 Page - ebm-papst

Part # AC6100NM
Description  AC axial compact fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC6100NM Datasheet(HTML) 2 Page - ebm-papst

  AC6100NM Datasheet HTML 1Page - ebm-papst AC6100NM Datasheet HTML 2Page - ebm-papst AC6100NM Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC axial compact fan
AC 6100 NM
Technical features
Dimensions
172 Ø x 51 mm
General description
Particular design features:
Can be used universally for all supply voltages between 85 and 265 VAC, 50-60 Hz.
Fan speed independent of the power frequency.
Significantly reduced power consumption compared to conventional AC voltage fans.
Open loop speed control, sensor and alarm signal available on request.
General features:
Material: housing and impeller made of fibreglass-reinforced PA.
Electronic commutation completely integrated.
Protected against locking.
Connection via single strands AWG 22, TR 64, bared and tin-plated.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Mass: 760 g.
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Direction of rotation
Clockwise, looking at rotor
Direction of air flow
Air exhaust over bars
Bearing
Ball bearings
Lifetime L10 at 40 °C
80000 h
Lifetime L10 at maximum
temperature
37500 h
Mass
0.760 kg
Housing material
Aluminum. Housing with grounding lug for screws M4 x 8 (TORX).
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Web data sheet D · Page 2 of 3
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com