| Electronic Components Datasheet Search |
|
AC4300H Datasheet(PDF) 5 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
AC4300H Datasheet(HTML) 5 Page - ebm-papst |
|
5 / 15 page ![]() 129 Optional special versions Information on pictograms Speed signal The fan uses a separate wire to output information about its speed, and thus about the speed of the rotor. For technical details, please refer to page 110. On the pages of the catalogue and on the following overview pages, the pictograms illustrated below provide information about technically possi- ble special versions in the fan line presented. Please note that these special versions are not possible for all voltages and speeds, and not in all combinations. The special versions are designed for specific customers and projects and are not usually available off the shelf. Go / No-go alarm The fan uses a separate wire to output a static signal when it is stationary, thus providing information about whether or not the rotor is turning. For technical details, please refer to page 117. Alarm with limit speed If the speed drops below a certain level defined in the fan's electronics, the fan will emit a static signal, thus providing information about whether or not the rotor is turning. For technical details, please refer to page 114. External temperature sensor An NTC is connected to the fan via a separate wire and the fan changes its speed depending on the temperatu- re at the NTC. For technical details, please refer to page 120. Internal temperature sensor In this case, the NTC is integrated into the fan and the fan changes its speed depending on the temperature at the NTC. For technical details, please refer to page 120. PWM control input The speed of the fan can be changed via a pulse-width- modulated signal. This signal is applied to a specially provided wire. For technical details, please refer to page 121. Analogue control input The speed of the fan can be changed via a control volta- ge. This control voltage is applied to a specially provided wire. For technical details, please refer to page 121. Protection against moisture Protection for the fan's electronics against moisture and condensation. For technical details, please refer to page 123. IP 54 Protection of motor and PCB board against splashed water and humidity. For technical details, please refer to page 123. Protection against salt spray fog Protection of fan against the damaging effects of salt spray fog. For technical details, please refer to page 123. NG TT II PWM A HHPP IP54 IP54 Û SSPP Multi-option control input The fan has a control input that the user can trigger eit- her using a PWM signal, an analogue signal or a resistor. For technical details, please refer to page 122. Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:19 Seite 129 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |