Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC6200N Datasheet(PDF) 11 Page - ebm-papst

Part # AC6200N
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC6200N Datasheet(HTML) 11 Page - ebm-papst

Back Button AC6200N Datasheet HTML 7Page - ebm-papst AC6200N Datasheet HTML 8Page - ebm-papst AC6200N Datasheet HTML 9Page - ebm-papst AC6200N Datasheet HTML 10Page - ebm-papst AC6200N Datasheet HTML 11Page - ebm-papst AC6200N Datasheet HTML 12Page - ebm-papst AC6200N Datasheet HTML 13Page - ebm-papst AC6200N Datasheet HTML 14Page - ebm-papst AC6200N Datasheet HTML 15Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
135
max.
180 m3/h
i-maxx axial fans
Series ACi 4400
119 x 119 x 38 mm
m³/h
CFM
20
0
100
20
40
60
40
60
80
100
150
50
1
2
3
Type
m3/h
CFM
VAC
VAC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
NEW ACi 4420 ML
100
58,8
230
195...265
25
4,1
1,4
1 850
-20...+75
80 000 / 30 000
160 000
1
NEW ACi 4420 H
160
94,1
230
195...265
39
5,1
3,3
3 000
-20...+75
70 000 / 30 000
140 000
2
NEW ACi 4420 HH
180
105,9
230
195...265
42
5,3
4,4
3 350
-20...+75
62 500 / 30 000
125 000
3
NEW ACi 4410 HH
180
105,9
115
85...132
42
5,3
4,4
3 350
-20...+75
62 500 / 30 000
125 000
3
Nominal data
Highlights:
– Energy efficient AC fan with EC technology.
– Conversion and drive electronics fully integrated.
– Significant lower power consumption than existing AC fans.
– Significantly lower noise than existing AC fans.
– Significant higher service life than existing AC fans.
– Fan speed not dependent on line frequency.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Electronic locked rotor protection.
– Electrical connection via 2 flat plugs 2,8 x 0,5 mm, flying leads optional.
– Air exhaust over struts, direction of rotation clockwise, seen on rotor.
– Mass: 250 g.
HHPP
SSPP
IP54
IP54
Û
66
38
+0,3
+0,3
+0,5
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com