Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5822U Datasheet(PDF) 6 Page - STMicroelectronics

Part # 1N5822U
Description  Aerospace 40 V power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5822U Datasheet(HTML) 6 Page - STMicroelectronics

  1N5822U Datasheet HTML 1Page - STMicroelectronics 1N5822U Datasheet HTML 2Page - STMicroelectronics 1N5822U Datasheet HTML 3Page - STMicroelectronics 1N5822U Datasheet HTML 4Page - STMicroelectronics 1N5822U Datasheet HTML 5Page - STMicroelectronics 1N5822U Datasheet HTML 6Page - STMicroelectronics 1N5822U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
1N5822U
6/7
Doc ID 16007 Rev 2
3
Ordering information
4
Revision history
Table 7.
Ordering information(1)
1.
Contact ST sales office for information about the specific conditions for products in die form and gold
plated versions.
Order code
ESCC detailed
specification
Package
Lead finish
Marking
EPPL Weight
Packing
1N5822UB1
-
LCC2B
Gold plated
22UB1
-
0.18 g
Waffle
pack
1N5822U02B
5106/020/02
Solder dip
22U02B
Y
Table 8.
Document revision history
Date
Revision
Changes
10-Aug-2009
1
First issue.
23-Sep-2011
2
Updated Table 1 and Table 7 for ESCC qualification.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com