Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AHR Datasheet(PDF) 17 Page - STMicroelectronics

Part # 2N2222AHR
Description  Hi-Rel 40 V - 0.8 A NPN transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2222AHR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button 2N2222AHR Datasheet HTML 10Page - STMicroelectronics 2N2222AHR Datasheet HTML 11Page - STMicroelectronics 2N2222AHR Datasheet HTML 12Page - STMicroelectronics 2N2222AHR Datasheet HTML 13Page - STMicroelectronics 2N2222AHR Datasheet HTML 14Page - STMicroelectronics 2N2222AHR Datasheet HTML 15Page - STMicroelectronics 2N2222AHR Datasheet HTML 16Page - STMicroelectronics 2N2222AHR Datasheet HTML 17Page - STMicroelectronics 2N2222AHR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
2N2222AHR
Revision history
Doc ID 16558 Rev 9
17/18
7
Revision history
Table 14.
Document revision history
Date
Revision
Changes
04-Jan-2010
1
Initial release
16-Apr-2010
2
Added Table 1 on page 1
09-Jul-2010
3
Modified: Table 1 on page 1 and Table 11 on page 14
30-Nov-2011
4
– Modified: Table 5 on page 5
– Added: Section 2.3: Electrical characteristics (curves)
– Modified: Table 1 and 2
– Added: Table 2, 11, 12
– Minor text changes in the document title and description on the
coverpage
12-Dec-2011
5
Minor text changes to improve readability
17-Apr-2012
6
Updated:
– Title and description in cover page.
–PTOT in Table 2: Absolute maximum ratings.
– The entire Section 2: Electrical characteristics.
– Table 12: Ordering information.
Added:
– Table 3: Thermal data, Section 3: Radiation hardness assurance
and Table 12: Ordering information.
– Figure 5: JANS saturated turn-on switching time test circuit and
Figure 6: JANS saturated turn-off switching time test circuit.
– Section 6: Shipping details.
19-Apr-2012
7
Updated titles in Figure 5: JANS saturated turn-on switching time
test circuit and Figure 6: JANS saturated turn-off switching time test
circuit.
24-Apr-2012
8
Updated RthJA value in Table 3: Thermal data.
14-May-2012
9
Updated Table 12: Ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com