Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2905AHR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2905AHR
Description  Hi-Rel PNP bipolar transistor 60 V, 0.6 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2905AHR Datasheet(HTML) 3 Page - STMicroelectronics

  2N2905AHR Datasheet HTML 1Page - STMicroelectronics 2N2905AHR Datasheet HTML 2Page - STMicroelectronics 2N2905AHR Datasheet HTML 3Page - STMicroelectronics 2N2905AHR Datasheet HTML 4Page - STMicroelectronics 2N2905AHR Datasheet HTML 5Page - STMicroelectronics 2N2905AHR Datasheet HTML 6Page - STMicroelectronics 2N2905AHR Datasheet HTML 7Page - STMicroelectronics 2N2905AHR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N2905AHR
Electrical characteristics
Doc ID 15295 Rev 3
3/8
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector-base cut-off
current (IE = 0)
VCB = -50 V
VCB = -50 V, TC = 150 °C
-10
-10
nA
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = -10 µA
-60
V
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Collector-emitter
breakdown voltage
(IB = 0)
IC = -10 mA
-60
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = -10 µA
-5
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -150 mA, IB = -15 mA
-0.4
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = -150 mA, IB = -15 mA
-1.3
V
hFE
(1)
DC current gain
IC = -0.1 mA, VCE = -10 V
IC = -1 mA, VCE = -10 V
IC = -150 mA, VCE = -10 V
IC = -500 mA, VCE = -10 V
75
100
100
50
300
hfe
Small signal current
gain
VCE = -20 V, IC = -50 mA
f = 100 MHz
2
CCBO
Output capacitance
(IE = 0)
VCB = -10 V
100 kHz
≤ f ≤1 MHz
8pF
ton
Turn-on time
VCC = -30 V, IC = -150 mA
IB1 = -15 mA
45
ns
toff
Turn-off time
VCC = -30 V, IC = -150 mA
IB1 = -IB2 = -15 mA
300
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com