Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2907AHR Datasheet(PDF) 12 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics 2N2907AHR Datasheet HTML 10Page - STMicroelectronics 2N2907AHR Datasheet HTML 11Page - STMicroelectronics 2N2907AHR Datasheet HTML 12Page - STMicroelectronics 2N2907AHR Datasheet HTML 13Page - STMicroelectronics 2N2907AHR Datasheet HTML 14Page - STMicroelectronics 2N2907AHR Datasheet HTML 15Page - STMicroelectronics 2N2907AHR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
2N2907AHR
12/16
Doc ID 15382 Rev 3
Figure 11.
TO-18 drawings
Table 9.
TO-18 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
12.7
B
0.49
D
5.3
E
4.9
F
5.8
G
2.54
H
1.2
I
1.16
L
45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com