Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5401HR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N5401HR
Description  Hi-Rel PNP bipolar transistor 150 V, 0.5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5401HR Datasheet(HTML) 5 Page - STMicroelectronics

  2N5401HR Datasheet HTML 1Page - STMicroelectronics 2N5401HR Datasheet HTML 2Page - STMicroelectronics 2N5401HR Datasheet HTML 3Page - STMicroelectronics 2N5401HR Datasheet HTML 4Page - STMicroelectronics 2N5401HR Datasheet HTML 5Page - STMicroelectronics 2N5401HR Datasheet HTML 6Page - STMicroelectronics 2N5401HR Datasheet HTML 7Page - STMicroelectronics 2N5401HR Datasheet HTML 8Page - STMicroelectronics 2N5401HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2N5401HR
Package mechanical data
Doc ID 16934 Rev 3
5/10
Figure 2.
LCC-3 drawings
Table 6.
LCC-3 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
1.16
1.42
C
0.45
0.50
0.56
D
0.60
0.76
0.91
E
0.91
1.01
1.12
F
1.95
2.03
2.11
G
2.92
3.05
3.17
I
2.41
2.54
2.66
J
0.42
0.57
0.72
K
1.37
1.52
1.67
L
0.40
0.50
0.60
M
2.46
2.54
2.62
N
1.80
1.90
2.00
R
0.30
2
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com