Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO8200B Datasheet(PDF) 22 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics ISO8200B Datasheet HTML 20Page - STMicroelectronics ISO8200B Datasheet HTML 21Page - STMicroelectronics ISO8200B Datasheet HTML 22Page - STMicroelectronics ISO8200B Datasheet HTML 23Page - STMicroelectronics ISO8200B Datasheet HTML 24Page - STMicroelectronics ISO8200B Datasheet HTML 25Page - STMicroelectronics ISO8200B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Functional description
ISO8200B
22/33
Doc ID 023802 Rev 1
6.4
Fault indication
The FAULT pin is an active low open drain output indicating fault conditions. This pin is
activated when at least one of the following conditions occurs:
●
Junction overtemperature of one or more channels (TJ >TTJSD);
●
Communication error.
6.4.1
Junction overtemperature and case overtemperature
The thermal status of the device is updated during each transmission sequence between
the two isolated sides.
In SCM operation, when the LOAD signal is high and the SYNC one is low, the
communication is disabled. In this case the thermal status of the device cannot be updated
and the FAULT indication maybe be different from the current status.
In any case, the thermal protection of the channel outputs are always operative.
Figure 14.
Thermal status update (DCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com