Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6391 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6391
Description  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6391 Datasheet HTML 4Page - STMicroelectronics L6391 Datasheet HTML 5Page - STMicroelectronics L6391 Datasheet HTML 6Page - STMicroelectronics L6391 Datasheet HTML 7Page - STMicroelectronics L6391 Datasheet HTML 8Page - STMicroelectronics L6391 Datasheet HTML 9Page - STMicroelectronics L6391 Datasheet HTML 10Page - STMicroelectronics L6391 Datasheet HTML 11Page - STMicroelectronics L6391 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
L6391
8/21
Doc ID 17892 Rev 1
5
Electrical characteristics
5.1
AC operation
Table 7.
AC operation electrical characteristics (VCC = 15 V; TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max Unit
ton
1 vs 10
3 vs 13
High/low side driver turn-on
propagation delay
Vout = 0 V
Vboot = Vcc
CL = 1 nF
Vi = 0 to 3.3 V
See Figure 3.
50
125
200
ns
toff
High/low side driver turn-off
propagation delay
50
125
200
ns
tsd
2 vs
10, 13
Shutdown to high/low side
driver propagation delay
50
125
200
ns
tisd
Comparator triggering to
high/low side driver turn-off
propagation delay
Measured applying a voltage step from 0
V to 3.3 V to pin CP+; CP-=0.5 V
200
250
ns
MT
Delay matching, HS and LS
turn-on/off
30
ns
DT
5
Dead time setting range (1)
RDT = 0Ω, CL = 1 nF
0.1
0.18
0.25
µs
RDT = 37kΩ, CL = 1 nF, CDT = 100 nF
0.48
0.6
0.72
µs
RDT = 136kΩ, CL = 1 nF, CDT = 100 nF
1.35
1.6
1.85
µs
RDT = 260kΩ, CL = 1 nF, CDT = 100 nF
2.6
3.0
3.4
µs
MDT
Matching dead time (2)
RDT = 0Ω, CL = 1 nF
80
ns
RDT = 37kΩ, CL = 1 nF, CDT = 100 nF
120
ns
RDT = 136kΩ, CL = 1 nF, CDT = 100 nF
250
ns
RDT = 260kΩ, CL = 1 nF, CDT = 100 nF
400
ns
tr
10,13
Rise time
CL = 1 nF
75
120
ns
tf
Fall time
CL = 1 nF
35
70
ns
1.
See Figure 4 on page 9
2.
MDT = | DTLH - DTHL | see Figure 5 on page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com