Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903H Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2903H
Description  Low-power dual voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903H Datasheet(HTML) 5 Page - STMicroelectronics

  LM2903H_12 Datasheet HTML 1Page - STMicroelectronics LM2903H_12 Datasheet HTML 2Page - STMicroelectronics LM2903H_12 Datasheet HTML 3Page - STMicroelectronics LM2903H_12 Datasheet HTML 4Page - STMicroelectronics LM2903H_12 Datasheet HTML 5Page - STMicroelectronics LM2903H_12 Datasheet HTML 6Page - STMicroelectronics LM2903H_12 Datasheet HTML 7Page - STMicroelectronics LM2903H_12 Datasheet HTML 8Page - STMicroelectronics LM2903H_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM2903H
Electrical characteristics
Doc ID 9875 Rev 4
5/10
Figure 3.
Supply current vs. supply voltage
Figure 4.
Input current vs. supply voltage
0
10
203040
0.0
0.2
0.4
0.6
0.8
1.0
T
AMB
= + 150 °C
T
AMB
= + 125 °C
T
AMB
= + 25 °C
T
AMB
= - 40 °C
SUPPLY VOLTAGE (V)
010
20
30
40
0
10
20
30
40
50
T
AMB
= + 150 °C
T
AMB
= + 125 °C
T
AMB
= + 25 °C
T
AMB
= - 40 °C
SUPPLY VOLTAGE (V)
Figure 5.
Output saturation voltage vs.
output current (VCC = 5 V)
Figure 6.
Response time for various input
overdrives - negative transition
Figure 7.
Response time for various input
overdrives - positive transition
0.1
1
10
100
0.01
0.1
1
10
T
AMB
= - 40 °C
T
AMB
= + 25 °C
T
AMB
= + 125 °C
T
AMB
= + 150 °C
OUTPUT SINK CURRENT (mA)
5V
5.1kW
eo
e I
6
5
4
3
2
1
0
0
-50
-100
0
0.5
1
1.5
2
TIME (ms)
Input overdrive : 5mV
20mV
100mV
Tamb= +25°C
5V
5.1kW
eo
e I
6
5
4
3
2
1
0
100
50
0
0.5
1
1.5
2
TIME (ms)
Input overdrive : 100mV
20mV
5mV
Tamb= +25°C
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com