Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV393 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LMV393
Description  General-purpose low voltage comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV393 Datasheet(HTML) 4 Page - STMicroelectronics

  LMV393_11 Datasheet HTML 1Page - STMicroelectronics LMV393_11 Datasheet HTML 2Page - STMicroelectronics LMV393_11 Datasheet HTML 3Page - STMicroelectronics LMV393_11 Datasheet HTML 4Page - STMicroelectronics LMV393_11 Datasheet HTML 5Page - STMicroelectronics LMV393_11 Datasheet HTML 6Page - STMicroelectronics LMV393_11 Datasheet HTML 7Page - STMicroelectronics LMV393_11 Datasheet HTML 8Page - STMicroelectronics LMV393_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
LMV331, LMV393, LMV339
4/17
Doc ID 16866 Rev 3
3
Electrical characteristics
Table 3.
VCC
+ =+2.7V, V
CC
- =0V, T
amb = +25° C, full VICM range (unless otherwise specified)
(1)
1.
All values over the temperature range are guaranteed through correlation and simulation. No production tests have been
performed at the temperature range limits.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
1
7
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +85°C
5
μV/°C
IIB
Input bias current(2)
-40°C < Tamb < +85°C
25
250
400
nA
IIO
Input offset current(2)
2.
Maximum values include unavoidable inaccuracies of the industrial tests.
-40°C < Tamb < +85°C
150
150
nA
VICM
Common mode input voltage
-0.1
V
2.0
VOL
Output voltage low
ISINK = 1 mA
20
mV
ISINK
Output sink current
VOUT = 1.5 V
5
47
mA
ICC
Supply current
No load, output high, VICM =0V
20
100
μA
IOH
Output current leakage
-40°C < Tamb < +85°C
0.003
1
μA
TPHL
Propagation delay
High to low output level
VICM =0V, RL =5.1 kΩ, CL =50pF
Overdrive = 10 mV
Overdrive = 100 mV
300
200
ns
TPLH
Propagation delay
Low to high output level
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF
Overdrive = 10 mV
Overdrive = 100 mV
550
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com