Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF330 Datasheet(PDF) 19 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RHF330 Datasheet HTML 14Page - STMicroelectronics RHF330 Datasheet HTML 15Page - STMicroelectronics RHF330 Datasheet HTML 16Page - STMicroelectronics RHF330 Datasheet HTML 17Page - STMicroelectronics RHF330 Datasheet HTML 18Page - STMicroelectronics RHF330 Datasheet HTML 19Page - STMicroelectronics RHF330 Datasheet HTML 20Page - STMicroelectronics RHF330 Datasheet HTML 21Page - STMicroelectronics RHF330 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RHF330
Active filtering
Doc ID 15576 Rev 3
19/22
8
Active filtering
Figure 33.
Low-pass active filtering, Sallen-Key
From the resistors Rfb and RG we can directly calculate the gain of the filter in a classic non-
inverting amplification configuration.
We assume the following expression is the response of the system.
The cut-off frequency is not gain-dependent and so becomes:
The damping factor is calculated by the following expression.
The higher the gain, the more sensitive the damping factor is. When the gain is higher than
1, it is preferable to use very stable resistor and capacitor values. In the case of R1=R2=R:
Due to a limited selection of capacitor values in comparison with the resistors, we can set
C1=C2=C, so that:
+
_
R
G
IN
R
fb
100
Ω
OUT
R1
R2
C2
C1
AM00840
A
V
g1
R
fb
R
g
--------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
-----------------
g
12
ζ
j
ω
ω
c
-----
j
ω
()
2
ω
c
2
------------
++
-----------------------------------------
==
ω
c
1
R1R2C1C2
-------------------------------------
=
ζ
1
2
---
ω
c C1R1
C
1R2
C
2R1
C
1R1g
–
++
()
=
ζ
2C
2
C
1
R
fb
R
g
--------
–
2C
1C2
---------------------------------
=
ζ
2R
2
R
1
R
fb
R
g
--------
–
2R
1R2
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com