Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF350 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 1 Page - STMicroelectronics

  RHF350 Datasheet HTML 1Page - STMicroelectronics RHF350 Datasheet HTML 2Page - STMicroelectronics RHF350 Datasheet HTML 3Page - STMicroelectronics RHF350 Datasheet HTML 4Page - STMicroelectronics RHF350 Datasheet HTML 5Page - STMicroelectronics RHF350 Datasheet HTML 6Page - STMicroelectronics RHF350 Datasheet HTML 7Page - STMicroelectronics RHF350 Datasheet HTML 8Page - STMicroelectronics RHF350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
August 2012
Doc ID 15604 Rev 4
1/23
23
RHF350
Rad-hard 550 MHz low noise operational amplifier
Datasheet
−production data
Features
■ Bandwidth: 550 MHz (unity gain)
■ Quiescent current: 4 mA
■ Slew rate: 940 V/
µs
■ Input noise: 1.5 nV/
√Hz
■ Distortion: SFDR = -66 dBc (10 MHz, 1Vpp)
■ 2.8 Vpp minimum output swing on 100 Ω load
for a +5 V supply
■ 5 V power supply
■ 300 krad MIL-STD-883 1019 ELDRS free
compliant
■ SEL immune at 125 °C, LET up to
110 MEV.cm2/mg
■ SET characterized, LET up to
110 MEV.cm2/mg
■ QMLV qualified
■ Available in ceramic Flat-8S package
Applications
■ Communication satellites
■ Space data acquisition systems
■ Aerospace instrumentation
■ Nuclear and high energy physics
■ Harsh radiation environments
■ ADC drivers
Description
The RHF350 device is a current feedback
operational amplifier that uses very high speed
complementary technology to provide
a bandwidth of up to 550 MHz while drawing only
4 mA of quiescent current. With a slew rate of
940 V/µs and an output stage optimized for
driving a standard 100
Ω load, this circuit is highly
suitable for applications where speed and power-
saving are the main requirements. The device is
a single operator available in a Flat-8 hermetic
ceramic package, saving board space as well as
providing excellent thermal and dynamic
performance.
Pin connections
(top view)
The upper metallic lid is not electrically connected to any
pin, nor to the IC die inside the package.
Ceramic Flat-8S
NC
+VCC
NC
OUT
-VCC
NC
IN -
IN +
1
4
8
5
Table 1.
Device summary(1)
1.
Contact ST sales for information about the specific conditions for products in QML-Q versions.
Reference
SMD
Quality level
Package
Lead
finish
Mass
EPPL Temperature range
RHF350K1
-
Engineering model
Flat-8S
Gold
0.45 g
-
-55 °C to +125 °C
RHF350K-01V 5962F0723201VXC
QML-V model
www.st.com


Similar Part No. - RHF350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results

Similar Description - RHF350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
550 MHz, Low Noise Current Feedback Amplifier
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
Rad-hard 1 GHz low noise operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com