| Electronic Components Datasheet Search |
|
RHF1201 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHF1201 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() RHF1201 Electrical characteristics (unchanged after 300 kRad) Doc ID 12585 Rev 5 19/34 7.1 RHF1201 operating modes Extra functionalities are provided to simplify the application board as much as possible. The operating modes offered by the RHF1201 are described in Table 11. 7.1.1 Inputs Data format select (DFSB): when set to low level (VIL), the digital input DFSB provides a two’s complement digital output MSB. This can be of interest when performing some further signal processing. When set to high level (VIH), DFSB provides a standard binary output coding. Output enable (OEB): when set to low level (VIL), all digital outputs remain active. When set to high level (VIH), all digital output buffers are in high impedance state while the converter goes on sampling. When OEB is set to a low level again, the data arrives on the output with a very short Ton delay. This feature enables the chip select of the device. Figure 11 on page 8 summarizes this functionality. Slew rate control (SRC): when set to high level (VIH), all digital output currents are limited to a clamp value so that any digital noise power is reduced to the minimum. When set to low level (VIL), the output edges are twice as fast. Table 11. RHF1201 operating modes Inputs Outputs Analog input differential amplitude DFSB OEB SRC OR DR Most significant bit (MSB) (VIN-VINB) above maximum range HL X H CLK D11 L L X H CLK D11 complemented (VIN-VINB) below minimum range HL X H CLK D11 L L X H CLK D11 complemented (VIN-VINB) within range HL X L CLK D11 L L X L CLK D11 complemented X X H X High Impedance XX L H X CLK low slew rate Low slew rate XX L L X CLK high slew rate High slew rate |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |