Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1401 Datasheet(PDF) 19 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 30 Msps A/D converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RHF1401_12 Datasheet HTML 15Page - STMicroelectronics RHF1401_12 Datasheet HTML 16Page - STMicroelectronics RHF1401_12 Datasheet HTML 17Page - STMicroelectronics RHF1401_12 Datasheet HTML 18Page - STMicroelectronics RHF1401_12 Datasheet HTML 19Page - STMicroelectronics RHF1401_12 Datasheet HTML 20Page - STMicroelectronics RHF1401_12 Datasheet HTML 21Page - STMicroelectronics RHF1401_12 Datasheet HTML 22Page - STMicroelectronics RHF1401_12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
RHF1401
Electrical characteristics
Doc ID 13317 Rev 8
19/42
Figure 25.
ENOB vs. VREFP
Figure 26.
SINAD vs. VREFP
10.5
11
11.5
12
12.5
Fs =
10 ksps
100 ksps
1Msps
9.5
10
0.8
0.9
1
1.1
1.2
1.3
1.4
External Vrefp (V)
1 Msps
10 Msps
20 Msps
25 Msps
30 Msps
35 Msps
-70
-65
-60
-55
-50
Fs =
10 ksps
100 ksps
1 Msps
10 Msps
20 Msps
25 Msps
30 Msps
35 Msps
-80
-75
0.8
0.9
1
1.1
1.2
1.3
1.4
E xternal Vrefp (V)
Figure 27.
SNR vs. VREFP
Figure 28.
THD vs. VREFP
65
70
75
80
Fs =
10 ksps
100 ksps
1 Msps
55
60
0.8
0.9
1
1.1
1.2
1.3
1.4
E xternal Vrefp (V)
10 Msps
20 Msps
25 Msps
30 Msps
35 Msps
-75
-70
-65
-60
-55
-50
Fs =
10 ks ps
100 ks ps
1 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps
35 Ms ps
-90
-85
-80
0.8
0.9
1
1.1
1.2
1.3
1.4
E xternal Vrefp (V)
Figure 29.
ENOB vs. sine clock, diff. input
Figure 30.
Clock threshold vs. temperature
11
11.5
12
Fin =
10 Hz
1 kHz
50 kHz
10
10.5
1 Ms ps
10 Ms ps
100 Ms ps
S ampling frequenc y
2 MHz
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com