Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 17Page - STMicroelectronics STPM01_11 Datasheet HTML 18Page - STMicroelectronics STPM01_11 Datasheet HTML 19Page - STMicroelectronics STPM01_11 Datasheet HTML 20Page - STMicroelectronics STPM01_11 Datasheet HTML 21Page - STMicroelectronics STPM01_11 Datasheet HTML 22Page - STMicroelectronics STPM01_11 Datasheet HTML 23Page - STMicroelectronics STPM01_11 Datasheet HTML 24Page - STMicroelectronics STPM01_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
21/60
The BFR flag is also set if the register value of the RMS voltage drops below 64. BFR is
cleared when the register value goes above 128. The BFR, then, also gives information
about the presence of the line voltage within the meter.
When the BFR error is set, the computation of power is zero unless the FRS bit is set or the
single wire mode operation is selected (see Section 8.6).
In fact, the effect of the BFR bit can be overridden by setting FRS configuration bit.
It means that if FRS is set and BFR is also set, all the energy computation is carried on as
BFR was cleared. In this case then p=u*i, where u could be zero or not (if BFR was set
because voltage RMS register value is below 64).
In standalone mode, the MOP, MON and LED provide the energy information, their
operation is not affected by FRS bit, it means that when BFR is set they stop switching
regardless the FRS value.
8.6
Single wire meter mode (only Rogowsky coil sensor)
STPM01 support single wire meter (SWM) operation when working with Rogowsky coil
current sensors. In SWM mode there is no available voltage information in the voltage
channel. It is possible that someone has disconnected one wire (live or neutral) of the meter
Figure 16.
LIN and BFR signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com