Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH40N6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STRH40N6
Description  Rad-Hard N-channel 60 V, 30 A Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STRH40N6 Datasheet HTML 8Page - STMicroelectronics STRH40N6 Datasheet HTML 9Page - STMicroelectronics STRH40N6 Datasheet HTML 10Page - STMicroelectronics STRH40N6 Datasheet HTML 11Page - STMicroelectronics STRH40N6 Datasheet HTML 12Page - STMicroelectronics STRH40N6 Datasheet HTML 13Page - STMicroelectronics STRH40N6 Datasheet HTML 14Page - STMicroelectronics STRH40N6 Datasheet HTML 15Page - STMicroelectronics STRH40N6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STRH40N6
Package mechanical data
Doc ID 18351 Rev 5
13/16
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Figure 18.
TSMD.5 drawing
Table 13.
SMD.5 mechanical data
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.84
3.00
3.15
0.112
0.118
0.124
A1
0.25
0.38
0.51
0.010
0.015
0.020
b
7.13
7.26
7.39
0.281
0.286
0.291
b1
5.58
5.72
5.84
0.220
0.225
0.230
b2
2.28
2.41
2.54
0.090
0.095
0.100
b3
2.92
3.05
3.18
0.115
0.120
0.125
D
10.03
10.16
10.28
0.935
0.400
0.405
D1
0.76
0.030
0.685
E
7.39
7.52
7.64
0.291
0.296
0.301
e
1.91
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com