Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSBCD01B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSBCD01B
Description  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B Datasheet(HTML) 1 Page - STMicroelectronics

  STUSBCD01B Datasheet HTML 1Page - STMicroelectronics STUSBCD01B Datasheet HTML 2Page - STMicroelectronics STUSBCD01B Datasheet HTML 3Page - STMicroelectronics STUSBCD01B Datasheet HTML 4Page - STMicroelectronics STUSBCD01B Datasheet HTML 5Page - STMicroelectronics STUSBCD01B Datasheet HTML 6Page - STMicroelectronics STUSBCD01B Datasheet HTML 7Page - STMicroelectronics STUSBCD01B Datasheet HTML 8Page - STMicroelectronics STUSBCD01B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2008
Rev 1
1/19
19
STUSBCD01B
USB charger detection interface
Features
Capable of detecting dedicated USB chargers
and host chargers (current sink and dedicated
methods)
Operates with VBAT supply voltage ranging
from 2.2 V to 4.5 V
Active high open drain hardware detection pin
(DETECT)
GPIO control interface
1.6 V - 2.8 V interface voltage range (VIO)
VBUS voltage 6 V clamping circuit
Low DP-DM input capacitance
ESD: HBM ± 2 kV, CDM 500 V on every pin
12 bumps Flip-Chip package, 1.6 x1.2 mm,
pitch 0.4 mm, max thickness 0.60 mm,
Halogen free RoHS compliant package
Applications
Mobile phones
PDAs, MP3 players
Description
The STUSBCD01B is a USB charger detection IC
which can detect dedicated USB chargers,
Host/Hub chargers or standard host ports
connected to the USB DP/DM data lines.
The device implements two different detection
methods in order to be able to distinguish
between a dedicated charger and a Host/Hub
charger.
Operation is controlled through three general
purpose I/O pins; a hardware open drain
detection output is also available.
An internal regulator provides the 1.8 V supply
voltage for the internal blocks and state machine
while a clamping device prevents VBUS voltage
from going over 6 V (typ.).
The STUSBCD01B is available in a 12 bumps
Flip-Chip 0.4 mm pitch package.
Flip-Chip 12 (1.6 x 1.2 mm)
Table 1.
Device summary
Order code
Package
Packaging
STUSBCD01BJR
Flip-Chip 12 (1.6 x 1.2 mm)
3000 parts per reel
www.st.com


Similar Part No. - STUSBCD01B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
More results

Similar Description - STUSBCD01B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
USB/Charger Detection Device with Load Switch
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
Integrated Charger USB Interface
logo
Maxim Integrated Produc...
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com