Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2002 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ULN2002
Description  Seven Darlington array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2002 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ULN2002 Datasheet HTML 6Page - STMicroelectronics ULN2002 Datasheet HTML 7Page - STMicroelectronics ULN2002 Datasheet HTML 8Page - STMicroelectronics ULN2002 Datasheet HTML 9Page - STMicroelectronics ULN2002 Datasheet HTML 10Page - STMicroelectronics ULN2002 Datasheet HTML 11Page - STMicroelectronics ULN2002 Datasheet HTML 12Page - STMicroelectronics ULN2002 Datasheet HTML 13Page - STMicroelectronics ULN2002 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical performance characteristics
ULN2001, ULN2002, ULN2003, ULN2004
10/16
Doc ID 5279 Rev 8
Figure 17.
Peak collector current vs. duty
cycle (DIP-16)
Figure 18.
Peak collector current vs. duty
cycle (SO-16)
020
40
60
80DC
0
100
200
300
400
500
Ic peak
(mA)
Tamb=70°C
(DIP16)
7 6 5
4
3
2
NUMBER OF ACTIVE OUTPUT
D96IN451
020
40
60
80
100
DC
0
100
200
300
400
500
Ic peak
(mA)
D96IN452A
7
5
3
2
NUMBER OF ACTIVE OUTPUT
Tamb=70°C
(SO16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com