Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE74HC04 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE74HC04
Description  Input stolerate voltage up to 6V independent of VCC operating voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE74HC04 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE74HC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ACE74HC04
6V High Speed Inverter
VER 1.3
4
Switching Characteristics
(Vcc=5.0V, TA=25℃)
Parameter
Symbol
Test condition
Typ.
Unit
Power dissipation capacitance
Cpd
No load, f=1MHz
12
pF
Parameter Measurement Information
Note:
A. The outputs are measured one at a time, with one input transition per measurement.
B. All parameters and waveforms are not applicable to all devices.
C. CL includes probe and jig capacitance
D. All input pulses are supplied by generators having the following c
haracteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com