Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE634 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE634
Description  20V Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE634 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE634 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE634
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
2
Packaging Type
SOT-23-6
Ordering information
ACE634 XX +
H
Electrical Characteristics (N-Channel)
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
20
V
Drain-Source On Resistance
RDS(ON)
VGS=4.5V, ID=3.5A
29
35
mΩ
VGS=2.5V, ID=2.5A
35
42
VGS=1.8V, ID=2A
62
75
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
0.6
0.75
1
V
Gate Leakage Current
IGSS
VDS=0V, VGS=±12V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
uA
Forward Transconductance
gFS
VDS=5V, ID=3A
16
S
Diode Forward Voltage
VSD
ISD=1.7A, VGS=0V
0.74
1.0
V
Maximum Body-Diode Continuous
Current
IS
1.7
A
Switching
Total Gate Charge
Qg
VDS=10V, VGS=4.5V,
ID=4A
6.3
8.1
nC
Gate-Source Charge
Qgs
1.7
2.2
Gate-Drain Charge
Qgd
1.4
1.8
GM : SOT-23-6
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com