Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE3401B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3401B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3401B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3401B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3401B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3401B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3401B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3401B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3401B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE3401B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
On/Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-30
-34
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate Leakage Current
IGSS
VGS=±12V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-4.2A
43
mΩ
VGS=-4.5V, ID=-4A
55
VGS=-2.5V, ID=-1A
110
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.7
-1.0
-1.3
V
Forward Transconductance
gFS
VDS=-5V, ID=-4A
15
S
Drain Forward Voltage
VSD
IS=-1A,VGS=0V
-0.78
-1
V
Switching characteristics
(3)
Total Gate Charge
Qg
VDS=-15V, ID=-4A
VGS=-4.5V
6.4
8.3
nC
Gate-Source Charge
Qgs
1.8
2.3
Gate-Drain Charge
Qgd
1.4
1.8
Turn-On Delay Time
Td(on)
VDD=-15V,RL=3.6Ω
ID=-1A, VGEN=-10V
RG=6Ω
11.4
22.72
ns
Turn-On Rise Time
tf
2.3
4.6
Turn-Off Delay Time
td(off)
34.9
69.8
Turn-Off Fall Time
tf
3.5
7
Dynamic characteristics
(3)
Input Capacitance
Ciss
VDS=-15V, VGS=0V
f=1.0MHz
826
pF
Output Capacitance
Coss
90.7
Reverse Transfer Capacitance
Crss
53.2
Note:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as
the solder mounting surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board
design.
2. Pulse Test: Pulse Width
≤μ300s, Duty Cycle≤ 2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com