Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5958 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 4Page - STMicroelectronics L5958 Datasheet HTML 5Page - STMicroelectronics L5958 Datasheet HTML 6Page - STMicroelectronics L5958 Datasheet HTML 7Page - STMicroelectronics L5958 Datasheet HTML 8Page - STMicroelectronics L5958 Datasheet HTML 9Page - STMicroelectronics L5958 Datasheet HTML 10Page - STMicroelectronics L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
L5958
8/20
Doc ID 17716 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
VS = 14.4 V; Tamb = 25 °C; unless otherwise specified
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VSDC
DC operating supply voltage
30
V
VSTR
Transient supply voltage
50
V
IO
Output current
internally limited
Top
Operating temperature range
-40 to 105
°C
Tstg
Storage temperature
-55 to 150
°C
Tj
Junction temperature
-55 to 150
°C
VpinMIN
Minimum pin voltage (EN_SW, AUDIO_LOW_IN,
CAN_LOW_IN, EN_8P5_5, IGNIN, EN_3P3_1P8,
EN_3P3sw_1P8sw)
-0.3
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1.0
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Input supplies
Vin1
Input supply voltage 1
Operating
9
-
18
V
Vin2
Input supply voltage 2
Operating
4.5
-
18
V
Vin1
Input supply voltage 1
Reverse polarity
-
not operating
-
Vin2
Input supply voltage 2
Reverse polarity
-
not operating
-
Iq
Total quiescent current
Standby (-40 °C to 85 °C)
Perm reg on
-
50
100
µA
Standby (25 °C) Perm reg off
-
4
10
µA
Standby (-40 °C to 85 °C)
Perm reg off
-
4
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com