Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5962TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5962TR
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5962TR Datasheet HTML 6Page - STMicroelectronics L5962TR Datasheet HTML 7Page - STMicroelectronics L5962TR Datasheet HTML 8Page - STMicroelectronics L5962TR Datasheet HTML 9Page - STMicroelectronics L5962TR Datasheet HTML 10Page - STMicroelectronics L5962TR Datasheet HTML 11Page - STMicroelectronics L5962TR Datasheet HTML 12Page - STMicroelectronics L5962TR Datasheet HTML 13Page - STMicroelectronics L5962TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical specification
L5962
10/24
Doc ID 16819 Rev 2
HYSUV
Hysteresis on VUV
--
1
-
V
VSTBY (3.3 V)
VoutVSTBY3
Output voltage
0 < Iload < 150 mA
3.2
3.3
3.4
V
LnRVSTBY3
Line regulation
4.1 <VBATP<18V
Iload=150mA
-10
-
+50
mV
LdRVSTBY3
Load regulation
0<Iload<150mA
-
-
20
mV
VdoVSTBY3
Drop out voltage
Iload=150mA
-
-
600
mV
IshortVSTBY3 Short circuit current limit
-
250
-
450
mA
OS/USVSTBY3 Overshoot/Undershoot
Iload 0 ↔ 150 mA, t > 50µs
C = 1 µF ceramic
--
±5
%
PSRRVSTBY3 Power supply rejection ratio
Iload = 50 mA
120 Hz < f < 10 kHz
VBATPac = 1 Vpp
70
-
-
dB
nVSTBY3
Output noise
A-weighted filter
20 Hz < f < 20 kHz
Iload = 5 mA
--
200
µV
TSVSTBY3
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-VSTBY3
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
ESRVSTBY3
External filtering capacitor ESR C > 0.5 µF
-
-
0.2
Ω
VSTBY (5 V)
VoutVSTBY5
Output voltage
0 < Iload < 150 mA
4.80
5
5.15
V
LnRVSTBY5
Line regulation
6<VBATP<18V Iload=150mA
-10
-
+60
mV
LdRVSTBY5
Load regulation
0 < Iload < 150 mA
-
-
25
mV
VdoVSTBY5
Drop out voltage
Iload = 150 mA
-
-
600
mV
IshortVSTBY5 Short circuit current limit
-
250
-
450
mA
OS/USVSTBY5 Overshoot/Undershoot
Iload 0 ↔ 150 mA, t > 50µs
C = 1 µF ceramic
--
±5
%
PSRRVSTBY5 Power supply rejection ratio
Iload = 50 mA
120 Hz < f < 10 kHz
VBATPac=1 Vpp
70
-
-
dB
nVSTBY5
Output noise
A-weighted filter
20 Hz < f < 20 kHz
Iload = 5 mA
--
200
µV
TSVSTBY5
Thermal shut-down temperature
Temperature rising
150
-
190
°C
HYSTS-
VSTBY5
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
ESRVSTBY5
External filtering capacitor ESR C > 0.5 µF
-
-
0.2
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com