Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA020 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA020_10 Datasheet HTML 4Page - STMicroelectronics STA020_10 Datasheet HTML 5Page - STMicroelectronics STA020_10 Datasheet HTML 6Page - STMicroelectronics STA020_10 Datasheet HTML 7Page - STMicroelectronics STA020_10 Datasheet HTML 8Page - STMicroelectronics STA020_10 Datasheet HTML 9Page - STMicroelectronics STA020_10 Datasheet HTML 10Page - STMicroelectronics STA020_10 Datasheet HTML 11Page - STMicroelectronics STA020_10 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA020
8/14
RST and CBL (TRNPT is low)
When RST goes low, the differential line drivers are set to ground. In order to properly synchronize the
ST020 to the audio serial port, the transmit timing counters, which include CBL, are not enabled after RST
goes high until eight and one half SCK periods after reset is exited) of FSYNC. When FSYNC is configured
as a left/right signal (all defined formats except 2), the counters and CBL are not enabled until the right
sample is being transmitted). This guarantees that channel A is left and channel B is right as per the digital
audio interface specs.
As shown in Figure 4, channel block start output (CBL), can assist in serially inputting the C, U and V bits
as CBL goes high one bit period before the first bit of the preamble of the first sub-frame of the channel
status block is transmitted. This sub-frame contains channel status byte 0, bit 0. CBL returns low one bit
period before the start of the frame that contains bit 0 of channel status byte 16. CBL is not available when
the CD subcode port is enabled.
Figure 4 illustrates timing for stereo data input on the audio port. Notice how CBL rises while the right
channel data (Right 0) is input, but the previous left channel (Left 0) is being transmitted as the first sub-
frame of the channel status block (starting with preamble Z). The C, U, and V input ports only need to be
valid for a short period after FSYNC changes. A sub-frame includes one audio sample while a frame in-
cludes a stereo pair. A channel status (C.S.) block contains 24 bytes of channel status and 384 audio sam-
ples (or 192 stereo pairs, or frames, of samples). Figure 4 shows the CUV ports as having left and right
bits (e.g. CUV0L, CUV0R). Since the C.S. block is defined as 192 bits, or one bit per frame, there are ac-
tually 2 C.S. blocks, one for channel A (left) and one for channel B (right). When inputting stereo audio
data, both blocks normally contain the same information, so C0L and C0R from the input port pin are both
channel status bit 0 of byte 0, which is defined as professional/consumer. These first two bits from the
port, C0L and C0R, are logically OR’ed with the inverse PRO, since PRO is a dedicated channel status
pin defined as C.S. bit 0.
Also, if in professional mode, C1, C6, C7 and C9 are dedicated C.S. pins. The inverse of C1 is logically
OR’ed with channel status input ports bits C1L and C1R. In similar fashion, C6, C7 and C9 are OR’ed with
their respective input bits. Also, the C bits in CUV128L and CUV128R are both channel status block bit
128, which is bit 0 of channel status byte 16.
Figure 4. CBL and Transmitter Timing.
CUV0L
CUV191R
CUV0R
CUV0L
CUV1L
CUV0R
CUV1R
CUV1L
CUV128R
CUV128L
CUV0L
CUV191R
CUV0R
CUV0L
LEFT 0
RIGHT 0
LEFT 1
LEFT 128
RIGHT 128
LEFT 0
RIGHT 0
C BITS FROM CPIN
C BITS OR'ed
w/PRO pin
C BITS OR'ed
w/C1 pin
BITS 0 of C.S.
BLOCK BYTE 16
RIGHT 191
LEFT 0
RIGHT 0
LEFT
128
RIGHT
128
Preamble Y
VUCP191R
Preamble Z
VUCP0L
Preamble Y
VUCP0R
VUCP127R
Preamble X
VUCP128L
Preamble Y
Preamble Z
Aux Data
LSB
Left 0 - Audio Data
MSB V0 U0 C0 P0
28 29 30 31
27
8
37
4
0
SUB-FRAME
bit
D99AU990
SDATA
TRNPT high
CBL
TRNPT low
FSYNC
C,U,V
TRNPT high
TRNPT low
TXP
TXN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com