Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA339BW Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 60Page - STMicroelectronics STA339BW Datasheet HTML 61Page - STMicroelectronics STA339BW Datasheet HTML 62Page - STMicroelectronics STA339BW Datasheet HTML 63Page - STMicroelectronics STA339BW Datasheet HTML 64Page - STMicroelectronics STA339BW Datasheet HTML 65Page - STMicroelectronics STA339BW Datasheet HTML 66Page - STMicroelectronics STA339BW Datasheet HTML 67Page - STMicroelectronics STA339BW Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
Register description
STA339BW
64/77
Doc ID 15251 Rev 5
6.15
Fault detect recovery constant registers (addr 0x2B - 0x2C)
FDRC bits specify the 16-bit fault detect recovery time delay. When FAULT is asserted, the
TRISTATE output is immediately asserted low and held low for the time period specified by
this constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The
default value of 0x000C gives approximately 0.1 ms.
6.16
Device status register (addr 0x2D)
This read-only register provides fault- and thermal-warning status information from the
power control block. Logic value 1 for faults or warning means normal state. Logic 0 means
a fault or warning has been detected on the power bridge. The PLLUL = 1 means that the
PLL is not locked.
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00
00
110
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
FAULT
UVFAULT
OVFAULT
OCFAULT
OCWARN
TFAULT
TWARN
Table 73.
Status register bits
Bit
R/W
RST
Name
Description
7
R
-
PLLUL
0:
PLL locked
1: PLL not locked
6R
-
FAULT
0: fault detected on power bridge
1: normal operation
5R
-
UVFAULT
0: VCCxX internally detected
1: undervoltage threshold
4R
-
OVFAULT
0: VCCxX internally detected
1: overvoltage threshold
3
R
-
OCFAULT
0: overcurrent fault detected
2
R
-
OCWARN
0: overcurrent warning
1
R
-
TFAULT
0: thermal fault, junction temperature over limit
0R
-
TWARN
0: thermal warning, junction temperature is close to
fault condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com