Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BWS Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 31Page - STMicroelectronics STA369BWS Datasheet HTML 32Page - STMicroelectronics STA369BWS Datasheet HTML 33Page - STMicroelectronics STA369BWS Datasheet HTML 34Page - STMicroelectronics STA369BWS Datasheet HTML 35Page - STMicroelectronics STA369BWS Datasheet HTML 36Page - STMicroelectronics STA369BWS Datasheet HTML 37Page - STMicroelectronics STA369BWS Datasheet HTML 38Page - STMicroelectronics STA369BWS Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
35/89
Setting the MPC bit turns on special processing that corrects the STA369BWS power device
at high power. This mode should lower the THD+N of a full FFX system at maximum power
output and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1,0] = 01) and binary. When OCFG = 00, MPC has no effect on channels 3 and 4, the
line-out channels.
Noise-shaper bandwidth selection
AM mode enable
STA369BWS features a FFX processing mode that minimizes the amount of noise
generated in frequency range of AM radio. This mode is intended for use when FFX is
operating in a device with an AM tuner active. The SNR of the FFX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
PWM speed mode
Distortion compensation variable enable
Table 36.
Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: third-order NS
0: fourth-order NS
Table 37.
AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: normal FFX operation.
1: AM reduction mode FFX operation
Table 38.
PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0
PWMS
0: normal speed (384 kHz) all channels
1: odd speed (341.3 kHz) all channels
Table 39.
Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5
R/W
0
DCCV
0: use preset DC coefficient
1: use DCC coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com