Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BW Datasheet(PDF) 100 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 96Page - STMicroelectronics STA381BW Datasheet HTML 97Page - STMicroelectronics STA381BW Datasheet HTML 98Page - STMicroelectronics STA381BW Datasheet HTML 99Page - STMicroelectronics STA381BW Datasheet HTML 100Page - STMicroelectronics STA381BW Datasheet HTML 101Page - STMicroelectronics STA381BW Datasheet HTML 102Page - STMicroelectronics STA381BW Datasheet HTML 103Page - STMicroelectronics STA381BW Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 171 page
background image
Register description: New Map
STA381BW
100/171
Doc ID 018835 Rev 7
The STA381BW implements an automatic CRC computation for the biquad and
MDRC/XOver coefficient memory (Table 73). Memory cell contents from address 0x00 to
0x27 will be bit XORed to obtain the BQCHKE checksum, while cells from 0x28 to 0x31 will
be XORed to obtain the XCCHKE checksum. Both checksums (24-bit wide) are exported on
I2C registers from 0x60 to 0x65. The checksum computation will start as soon as the BCGO
(for biquad RAM bank) or the XCGO bit (for MDRC/XOver coefficients) is set to 1. The
checksum is computed at the processing sample rate if the IR bits equal “01” or “10”,
otherwise the checksum is computed to half of the processing sample rate.
When BCCMP or XCCMP is set to ‘1’, the relative checksum (BQCHKE and XCCHKE) is
continuously compared with BQCHKR and XCCHKR respectively. If the checksum matches
its own reference value, the respective result bits (BCRES and XCRES) will be set to ‘0’.
The compare bits have no effect if the respective GO bit is not set.
In case of checksum errors (i.e. the internally computed didn’t match the reference), an
automatic device reset action can be activated. This function is enabled when the BCAUTO
or XCAUTO bit is set to ‘1’. The automatic reset bits have no effect if the respective compare
bits are not set.
The recommended procedure for automatic reset activation is the following:
●
Download the set of coefficients (RAM locations 0x00…0x27)
●
Download the externally computed biquad checksum into registers BQCHKR
●
Enable the checksum of the biquad coefficients by setting the BCGO bit. The
checksum will start to be automatically computed by the STA381BW and its value
exposed on registers BQCHECKE. The checksum value is computed and updated.
●
Enable the checksum comparison by setting the BCCMP bit. The internally computed
checksum will start to be compared with the reference one and the result will be
exposed on the BCRES bit. The following operation will be executed on each audio
frame:
if ((BQCHKE == BQCHKR))
{
BC_RES = 0;// Checksum is ok, reset the error bit
}
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCAUTO
XCRES
XCCMP
XCGO
BCAUTO
BCCRES
BCCMP
BCCGO
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com