Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BW Datasheet(PDF) 162 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 158Page - STMicroelectronics STA381BW Datasheet HTML 159Page - STMicroelectronics STA381BW Datasheet HTML 160Page - STMicroelectronics STA381BW Datasheet HTML 161Page - STMicroelectronics STA381BW Datasheet HTML 162Page - STMicroelectronics STA381BW Datasheet HTML 163Page - STMicroelectronics STA381BW Datasheet HTML 164Page - STMicroelectronics STA381BW Datasheet HTML 165Page - STMicroelectronics STA381BW Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 171 page
background image
Register description: Sound Terminal compatibility
STA381BW
162/171
Doc ID 018835 Rev 7
The STA381BW implements an automatic CRC computation for the biquad and
MDRC/XOver coefficient memory. Memory cell contents from address 0x00 to 0x27 will be
bit XORed to obtain the BQCHKE checksum, while cells from 0x28 to 0x31 will be XORed to
obtain the XCCHKE checksum. Both checksums (24-bit wide) are exported on I2C registers
from 0x60 to 0x65. The checksum computation will start as soon as the BCGO (for biquad
RAM bank) or the XCGO bit (for MDRC/XOver coefficients) is set to 1. The checksum is
computed at the processing sample rate if the IR bits equal “01” or “10”, otherwise the
checksum is computed to half the processing sample rate.
When BCCMP or XCCMP are set to ‘1’, the relative checksum (BQCHKE and XCCHKE) is
continuously compared with BQCHKR and XCCHKR respectively. If the checksum matches
its own reference value, the respective result bits (BCRES and XCRES) will be set to ‘0’.
The compare bits have no effect if the respective GO bit is not set.
In case of checksum errors (i.e. the internally computed didn’t match the reference), an
automatic device reset action can be activated. This function is enabled when the BCAUTO
or XCAUTO bit is set to ‘1’. The automatic reset bits have no effect if the respective compare
bits are not set.
The recommended procedure for the automatic reset activation is the following:
●
Download the set of coefficients (RAM locations 0x00…0x27)
●
Download the externally computed biquad checksum into registers BQCHKR
●
Enable the checksum of the biquad coefficients by setting the BCGO bit. The
checksum will start to be automatically computed by the STA381BW and its value
exposed on registers BQCHECKE. The checksum value is computed and updated.
●
Enable the checksum comparison by setting the BCCMP bit. The internally computed
checksum will start to be compared with the reference one and the result will be
exposed on the BCRES bit. The following operation will be executed on each audio
frame:
if ((BQCHKE == BQCHKR))
{
BC_RES = 0;// Checksum is ok, reset the error bit
}
else
{
BC_RES = 1;// Checksum error detected, set the error bit
}
●
Wait until the BCRES bit goes to 0, meaning that the checksum result bit has started to
be updated and everything is ok. Time-out of this operation (e.g. > 1 ms) will indicate
checksum failure, and the MCU will handle this event.
●
Enable automatic reset of the device in case of checksum error by setting the BCAUTO
bit. The BCRES bit will then be automatically checked by the STA381BW, on each
audio frame, and the reset event will be triggered in case of checksum mismatch.
●
Periodically check the BC_RES status. A value of 1 indicates that a checksum
mismatch has occurred and, therefore, the device went through a reset cycle.
The previous example is intended for biquad CRC bank calculation, but it can be easily
extended to MDRC/XOver CRC computation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com