Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA382BW Datasheet(PDF) 168 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 164Page - STMicroelectronics STA382BW Datasheet HTML 165Page - STMicroelectronics STA382BW Datasheet HTML 166Page - STMicroelectronics STA382BW Datasheet HTML 167Page - STMicroelectronics STA382BW Datasheet HTML 168Page - STMicroelectronics STA382BW Datasheet HTML 169Page - STMicroelectronics STA382BW Datasheet HTML 170Page - STMicroelectronics STA382BW Datasheet HTML 171Page - STMicroelectronics STA382BW Datasheet HTML 172Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 168 / 172 page
background image
Applications
STA382BW
168/172
Doc ID 022783 Rev 1
Besides the digital input to the power output path, a line in to the headphone / 2Vrms line out
path is provided. The headphone and line out block diagram is shown in Figure 47. The
overall gain is determined by the external resistors R1 and R2 as:
Gain=R2/R1*2
The LINEINR/LINEINL pins can be either connected to an external line in or to the
F3XL/F3XR pins as depicted in Figure 44 and Figure 45. Thanks to this latter option it is
possible to route the digital input (SAI) content on both the power and the line
out/headphone output.
Note:
The charge pump of the headphone and line out cannot drive a purely capacitive load.
Please refer to AN3959 (2.0-channel demonstration board based on the STA381BW and
STA382BW) for detailed information about headphone and line out filtering.
8.3
Typical output configuration
Figure 48 illustrates the typical output configuration used for BTL stereo mode. Please refer
to the application note for all the other schematics for the recommended output
configuration.
Figure 48.
Output configuration for stereo BTL mode in filterlight configuration
Note:
For further information, please refer to application note AN3959, 2.0-channel demonstration
board based on the STA381BW and STA382BW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com