Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA382BW Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 21Page - STMicroelectronics STA382BW Datasheet HTML 22Page - STMicroelectronics STA382BW Datasheet HTML 23Page - STMicroelectronics STA382BW Datasheet HTML 24Page - STMicroelectronics STA382BW Datasheet HTML 25Page - STMicroelectronics STA382BW Datasheet HTML 26Page - STMicroelectronics STA382BW Datasheet HTML 27Page - STMicroelectronics STA382BW Datasheet HTML 28Page - STMicroelectronics STA382BW Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 172 page
background image
STA382BW
Electrical specifications
Doc ID 022783 Rev 1
25/172
Figure 3.
Test circuit
3.6
Electrical specifications for the analog section
The specifications given in this section are valid for the operating conditions:
f= 1 kHz, Tamb = 25 °C, VDD3V3 = 3.3 V, RLine= 5 kΩ, RHp = 32 Ω, unless otherwise specified.
Table 8.
Electrical specifications for the analog section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vout
Output voltage for line out
Gv = 2.5, THD < 1%, Rload = 5 kΩ
1.9
2.1
Vrms
Pout
Output voltage for HP out
THD+N = 10%, Gv = 2.5, Rload = 32 Ω
40
mW
DR
Dynamic range for line out
Vout = 2 VRMS, Fin = 200 Hz,
Vin = 0.8 mV (-60 dBFs)
100
dB
X-Talk
Channel separation for line out
Vout = 2 Vrms, Gv = 2.5
75
dB
PSRR
Power supply rejection ratio
HP mode, P0 = 15 mW
70
dB
Line out mode, VOut = 2 Vrms
70
Rin
Line input resistance
30(1)
1.
Refer to 8.2: Headphone and 2 Vrms line out, Figure 47: Headphone and line out block diagram, Rin = R1
k
Ω
THD+N Total harmonic distortion + noise
HP mode, Vout = 200 mVRMS, Gv = 2.5
0.03
%
Line out mode, VOut = 0.2 Vrms, Gv = 2.5
0.03
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com