Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA510A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA510A
Description  44-volt, 5.5-amp, quad power half bridge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics STA510A Datasheet HTML 11Page - STMicroelectronics STA510A Datasheet HTML 12Page - STMicroelectronics STA510A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STA510A
Electrical specifications
Doc ID 11077 Rev 2
9/17
Figure 4.
Block diagram for high current dead time for bridge applications
Figure 5.
Test circuit for high current dead time for bridge applications
INxA
INxB
+VCC
Q1
Q3
Q2
Q4
OUTxA
GND
OUTxB
D00AU1134
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Ω
Q2
OUTB
DTout(B)
DTin(B)
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout=4.5A
Iout=4.5A
Q4
Q1
Q3
INB
D03AU1517
INA
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of 4.5A in the direction shown in figure
L68 22
µ
L67 22
µ
OUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com