Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA510F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA510F
Description  44-V, 5.5-A, quad power half-bridge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA510F_11 Datasheet HTML 3Page - STMicroelectronics STA510F_11 Datasheet HTML 4Page - STMicroelectronics STA510F_11 Datasheet HTML 5Page - STMicroelectronics STA510F_11 Datasheet HTML 6Page - STMicroelectronics STA510F_11 Datasheet HTML 7Page - STMicroelectronics STA510F_11 Datasheet HTML 8Page - STMicroelectronics STA510F_11 Datasheet HTML 9Page - STMicroelectronics STA510F_11 Datasheet HTML 10Page - STMicroelectronics STA510F_11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STA510F
Electrical specifications
Doc ID 14268 Rev 3
7/11
Figure 5.
Typical quad half-bridge configuration giving 200 W per channel into 4
Ω speakers,
10% THD, VCC =39V
Figure 6.
Typical driving configuration with STA309A
OUT1B
OUT2A
OUT1A
OUT2B
Vcc
3V3
3V3
IN 2B
IN 2A
IN 1B
IN 1A
EAPD
TH_W
PWM
Input
C202
330p
C202
330p
C6
100n
C6
100n
R103
20
R103
20
4 ohm
4 ohm
R2
10K
R2
10K
+
C1
1000u
+
C1
1000u
L201
15u
L201
15u
C2
100n
C2
100n
C201
330p
C201
330p
C104
10n
C104
10n
R202
20
R202
20
STA510F
STA510F
GND Sub
1
OUT2B
2
OUT2B
3
Vcc2B
4
GND2B
5
GND2A
6
Vcc2A
7
OUT2A
8
OUT2A
9
OUT1B
10
OUT1B
11
Vcc1B
12
GND1B
13
GND1A
14
Vcc1A
15
OUT1A
16
OUT1A
17
NC
18
GNDClean
19
GNDReg
20
Vdd
21
Vdd
22
Ibias
23
CONFIG
24
PWRDN
25
TRISTATE
26
FAULT
27
TH_WARN
28
IN1A
29
IN1B
30
IN2A
31
IN2B
32
Vss
33
Vss
34
VccSig
35
VccSig
36
L101
15u
L101
15u
C4
100n
C4
100n
R104
20
R104
20
L202
15u
L202
15u
C7
100n
C7
100n
C203
10n
C203
10n
C107
330n
C107
330n
L102
15u
L102
15u
C3
1u
C3
1u
C8
100n
C8
100n
R201
20
R201
20
C204
10n
C204
10n
C9
100n
C9
100n
C105
1u
C105
1u
4 ohm
4 ohm
R203
20
R203
20
C102
330p
C102
330p
C207
330n
C207
330n
C101
330p
C101
330p
R101
20
R101
20
C106
1u
C106
1u
R102
20
R102
20
C205
1u
C205
1u
C103
10n
C103
10n
C5
1u
C5
1u
C10
100n
C10
100n
C11
100n
C11
100n
R204
20
R204
20
R1
10k
R1
10k
C206
1u
C206
1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com