Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA515W Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA515W
Description  40-volt, 3-amp, quad power half bridge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA515W Datasheet HTML 4Page - STMicroelectronics STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics STA515W Datasheet HTML 10Page - STMicroelectronics STA515W Datasheet HTML 11Page - STMicroelectronics STA515W Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications information
STA515W
8/14
Doc ID 11079 Rev 2
4
Applications information
The STA515W is a dual channel H-bridge that can deliver 20 W per channel into 8
Ω with
10% THD at VCC = 18 V with high efficiency.
The STA515W converts both DDX and binary-logic-controlled PWM signals into audio
power at the load. It includes a logic interface, integrated bridge drivers, high efficiency
MOSFET outputs and thermal and short-circuit protection circuitry.
In DDX mode, two logic-level signals per channel are used to control the high-speed
MOSFET switches which drive the speaker load in a bridge configuration, according to the
damped ternary modulation operation.
In binary mode, both full-bridge and half-bridge modes are supported.
The STA515W includes overcurrent and thermal protection as well as an undervoltage
lockout with automatic recovery. A thermal warning status is also provided.
Figure 5.
Block diagram for DDX or binary modes
Figure 6.
Block diagram for binary half-bridge mode
Logic interface and decode
The STA515W power outputs are controlled using one or two logic-level timing signals. In
order to provide a proper logic interface, pin VL must operate at the same voltage as the
DDX control logic supply.
Logic
interface
and
decode
OUTPL
OUTNL
Left
H-bridge
Protection
circuit
Regulators
OUTPR
OUTNR
Right
H-bridge
INL[1,2]
VL
PWRDN
TRISTATE
FAULT
THWARN
INR[1,2]
OUTPL
Left A
bridge
Logic
interface
and
decode
Protection
circuit
Regulators
INL[1,2]
VL
PWRDN
TRISTATE
FAULT
THWARN
INR[1,2]
OUTNL
Left B
bridge
OUTPR
Right A
bridge
OUTNR
Right B
bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com