Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA533WF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA533WF
Description  18-volt, 3-amp, quad power half-bridge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA533WF_11 Datasheet HTML 4Page - STMicroelectronics STA533WF_11 Datasheet HTML 5Page - STMicroelectronics STA533WF_11 Datasheet HTML 6Page - STMicroelectronics STA533WF_11 Datasheet HTML 7Page - STMicroelectronics STA533WF_11 Datasheet HTML 8Page - STMicroelectronics STA533WF_11 Datasheet HTML 9Page - STMicroelectronics STA533WF_11 Datasheet HTML 10Page - STMicroelectronics STA533WF_11 Datasheet HTML 11Page - STMicroelectronics STA533WF_11 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Applications information
STA533WF
8/15
Doc ID 17658 Rev 2
Protection circuits
The STA533WF includes protection circuitry for overcurrent and thermal overload
conditions. A thermal warning pin (THWARN) is activated low (open-drain MOSFET) when
the IC temperature exceeds 130 °C, which is in advance of the thermal shutdown protection.
When a fault condition is detected an internal fault signal acts to immediately disable the
output power MOSFETs, placing both H-bridges in the high-impedance state. At the same
time an open-drain MOSFET connected to pin FAULT is switched on.
There are two possible modes subsequent to activating a fault:
●
Shutdown mode:
with pins FAULT (with pull-up resistor) and TRISTATE independent, an activated fault
disables the device, signalling low at pin FAULT.
The device may subsequently be reset to normal operation by toggling pin TRISTATE
from high to low and back to high using an external logic signal.
●
Automatic recovery mode:
This is shown in the applications circuit in Figure 6 and Figure 7 on page 10.
Pins FAULT and TRISTATE are shorted together and connected to a time constant
circuit comprising R59 and C58.
An activated fault forces a reset on pin TRISTATE causing normal operation to resume
following a delay determined by the time constant of the circuit.
If the fault condition is still present this operation continues to repeat until the fault
condition is removed.
An increase in the time constant of the circuit produces a longer recovery interval.
Care must be taken in the overall system design so as not to exceed the protection
thresholds under normal operation.
Power outputs
The STA533WF power and output pins are duplicated to provide a low-impedance path for
the device bridged outputs. All duplicated power, ground and output pins must be connected
for reliable operation.
Pins PWRDN or TRISTATE should be used to set all MOSFETS to the high-impedance
state during power-up and until the logic power supply on pin VL has settled.
Parallel-output and high-current operation
When using FFX mode, the STA533WF outputs can be connected in parallel to increase the
output current capability. In this configuration the device can provide 40 W into 4
Ω.
This mode of operation is enabled with pin CONFIG connected to VDD. The inputs must be
combined to give INLA = INLB and INRA = INRB, then the corresponding outputs can be
shorted together to give OUTLA = OUTLB and OUTRA = OUTRB.
The snubber RC network shown in the applications figures must be placed as close as
possible to the output pins. This reduces ringing, over- and undervoltage effects, and
improves the audio quality and EMI performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com