Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7292 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 4Page - STMicroelectronics TDA7292 Datasheet HTML 5Page - STMicroelectronics TDA7292 Datasheet HTML 6Page - STMicroelectronics TDA7292 Datasheet HTML 7Page - STMicroelectronics TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Characterization curves
TDA7292
8/22
Doc ID 15775 Rev 5
3
Characterization curves
Figure 3.
Quiescent current vs. supply voltage
Figure 4.
Frequency response
Iq (mA)
Iq+
Iq-
Vs (+/-V)
30
35
40
45
50
55
8
1012
14
1618
20222426
28
303234
Iq (mA)
Iq+
Iq-
Vs (+/-V)
30
35
40
45
50
55
8
1012
14
1618
20222426
28
303234
Iq+
Iq-
Vs (+/-V)
30
35
40
45
50
55
8
1012
14
1618
20222426
28
303234
30
35
40
45
50
55
8
1012
14
1618
20222426
28
303234
-5
+5
-4
-3
-2
-1
+0
+1
+2
+3
+4
10
200k
20
50
100 200
500
1k
2k
5k
10k 20k
50k
Vs=+/-20V
Rl = 8 Ohm
0dB = 1W
Freq(Hz)
Ampl (dB)
-5
+5
-4
-3
-2
-1
+0
+1
+2
+3
+4
10
200k
20
50
100 200
500
1k
2k
5k
10k 20k
50k
Vs=+/-20V
Rl = 8 Ohm
0dB = 1W
Freq(Hz)
Ampl (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com