Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7416 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 16Page - STMicroelectronics TDA7416_11 Datasheet HTML 17Page - STMicroelectronics TDA7416_11 Datasheet HTML 18Page - STMicroelectronics TDA7416_11 Datasheet HTML 19Page - STMicroelectronics TDA7416_11 Datasheet HTML 20Page - STMicroelectronics TDA7416_11 Datasheet HTML 21Page - STMicroelectronics TDA7416_11 Datasheet HTML 22Page - STMicroelectronics TDA7416_11 Datasheet HTML 23Page - STMicroelectronics TDA7416_11 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Description of the audio processor part
TDA7416
20/37
Doc ID 9837 Rev 2
4.7.5
DC-mode of equalizer band 1 (62/100 Hz)
In this mode, the DC-gain 4dB when set to 15dB boost.
Figure 13.
EQ band1, normal- and DC-mode @ boost = 15 dB, fCenter = 62 Hz
1.
The center frequency, Q, DC-mode and boost/cut can be set fully independently for each filter.
4.8
Subwoofer application
Figure 14.
Subwoofer application with low-pass @ 80/120/160Hz and high-pass @
90/135/180Hz
Both filters, the low-pass as well as the high-pass filter, have butterworth characteristic so
that their cut-off frequencies are not equal but shifted by the factor 1.125 to get a flat
frequency response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com