Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7479 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7479
Description  Single chip RDS demodulator filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7479 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7479_08 Datasheet HTML 1Page - STMicroelectronics TDA7479_08 Datasheet HTML 2Page - STMicroelectronics TDA7479_08 Datasheet HTML 3Page - STMicroelectronics TDA7479_08 Datasheet HTML 4Page - STMicroelectronics TDA7479_08 Datasheet HTML 5Page - STMicroelectronics TDA7479_08 Datasheet HTML 6Page - STMicroelectronics TDA7479_08 Datasheet HTML 7Page - STMicroelectronics TDA7479_08 Datasheet HTML 8Page - STMicroelectronics TDA7479_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TDA7479
Electrical specification
5/12
2
Electrical specification
2.1
Thermal data
2.2
Absolute maximum ratings
2.3
Electrical characteristics
Table 3.
Thermal data
Symbol
Parameter
SO16
TSSOP16
Unit
Rth j-case
Thermal resistance junction to case
Max.
200
160
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
-0.3 to 7
V
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
°C
Table 5.
Electrical characteristics
(Tamb = 25°C, VS = 5V, unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
4.5
5
5.5
V
IS
Supply current
7.5
11.0
mA
Filter
fC
Center frequency
56.5
57
57.5
kHz
BW
3dB Bandwidth
2.5
3
3.5
kHz
G
Gain
f = 57 kHz
18
20
22
dB
A
Attenuation
Δf ± 4 kHz
18
22
dB
f = 38 kHz
50
60
dB
f = 67 kHz
35
45
dB
RI
Input impedance of MPX
80
120
150
K
Ω
RL
Load impedance on FILOUT
1
M
Ω
S/N
Signal to noise ratio
VIN = 3 mVrms
30
40
dB
VIN
MPX input signal
f = 19 kHz; T3
≤ 40 dB(1)
f = 57 kHz (RDS+ ARI)
1000
50
mVRMS
mVRMS
SRDS
RDS detection sensitivity
1
mVrms
SARI
ARI Detection Sensitivity
3
mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com