Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491MV Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 10Page - STMicroelectronics TDA7491MV Datasheet HTML 11Page - STMicroelectronics TDA7491MV Datasheet HTML 12Page - STMicroelectronics TDA7491MV Datasheet HTML 13Page - STMicroelectronics TDA7491MV Datasheet HTML 14Page - STMicroelectronics TDA7491MV Datasheet HTML 15Page - STMicroelectronics TDA7491MV Datasheet HTML 16Page - STMicroelectronics TDA7491MV Datasheet HTML 17Page - STMicroelectronics TDA7491MV Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Characterization curves
TDA7491MV
14/28
Doc ID 14576 Rev 2
Figure 11.
Power dissipation and efficiency vs output power
Figure 12.
Attenuation vs mute voltage
Figure 13.
Current consumption vs voltage on pin STBY
Test Condition :
Vcc = 18V,
RL = 8 ohm,
Rosc =39kO, Cosc =100nF,
f =1kHz,
Gv =30dB,
Tamb =25
℃
Power dissipation & Efficiency vs Output power
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
Output power per channel (W)
0
0.5
1
1.5
2
2.5
3
3.5
4
Power dissipation & Efficiency vs Output power
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
Output power per channel (W)
0
0.5
1
1.5
2
2.5
3
3.5
4
Vcc=18V
Rload=8ohm
Gain=30dB
f=1kHz
Test Condition :
Vcc = 18V,
RL = 8 ohm,
Rosc =39kO, Cosc =100nF,
0dB@f =1kHz, Po=1w
Gv =30dB,
Tamb =25
℃
Attenuation vs Mute voltage
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
3
3.5
Mute voltage (V)
Attenuation vs Mute voltage
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
3
3.5
Mute voltage (V)
Vcc=18V
Rload=8ohm
Gain=30dB
0dB@f=1kHz,Po=1w
Test Condition :
Vcc = 18V,
RL = 8 ohm,
Rosc =39kO, Cosc =100nF,
Vin=0,
Gv =30dB,
Tamb =25
℃
Iquiescent vs Standby voltage
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
Standby voltage (V)
Iquiescent vs Standby voltage
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
Standby voltage (V)
Vcc=18V
Rload=8ohm
Gain=30dB
Vin=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com